PART |
Description |
Maker |
LT1587CM-1.5 LT1587-1.5 LT1587CT-1.5 LT1587CM-1.5T |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator
|
LINEAR TECHNOLOGY CORP
|
CLM2815AU-X CLM2815 CLM2815A CLM2815AAT CLM2815AAT |
3.3 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight 2.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response
|
CALOGIC[Calogic, LLC] Calogic LLC
|
SPX29150 SPX29150T SPX29150T-1.8 SPX29150T-2.5 SPX |
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A的高电流低压差稳压器可调 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A的低压差线性稳压器可调 128 x 128 pixel format, LED or EL Backlight available 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A Low Dropout Voltage Regulator, 1%
|
Electronic Theatre Controls, Inc. SIPEX[Sipex Corporation]
|
SPX1587 SPX1587AR SPX1587AR-1.5 SPX1587AR-2.5 SPX1 |
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A低压差线性稳压器可调 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response(3A,低压差稳压器(可调和固定输快速响) ER 22 24 D/C PLAS 3A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
|
SIPEX[Sipex Corporation]
|
SPX1084U-5.0 SPX1084 SPX1084AT SPX1084AT-1.5 SPX10 |
1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A低压差线性稳压器可调 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response(5A,低压差稳压器(可调和固定输快速响)
|
EXAR CORP TE Connectivity, Ltd. SIPEX[Sipex Corporation]
|
APL1086 APL1086-18FC-TR APL1086-18FC-TU APL1086-18 |
3.3 V, 1.5 A low dropout fast response positive adjustable regulator and fixed 1.8 V, 1.5 A low dropout fast response positive adjustable regulator and fixed Adj, 1.5 A low dropout fast response positive adjustable regulator and fixed 2.85 V, 1.5 A low dropout fast response positive adjustable regulator and fixed 2.5 V, 1.5 A low dropout fast response positive adjustable regulator and fixed 1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration]
|
SPX1085T-3.3 SPX1085AU-3.3 SPX1085U-5.0 SPX1085 SP |
5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response CONNECTOR ACCESSORY 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A低压差线性稳压器可调 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
SIPEX[Sipex Corporation] EXAR CORP
|
APL1117 APL1117-18FC-TR APL1117-18GC-TR APL1117-18 |
Adj, 1 A low dropout fast response positive adjustable regulator and fixed 1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V 1.8 V, 1 A low dropout fast response positive adjustable regulator and fixed 2.5 V, 1 A low dropout fast response positive adjustable regulator and fixed
|
ANPEC[Anpec Electronics Coropration] ANPEC Electronics Corporation
|
NCP57152DSADJR4G NCP57152MNADJTYG NCV57152MNADJTYG |
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator 1.5A Very Low-Dropout (VLDO) Fast Transient Response Regulator
|
ON Semiconductor
|
LP3856ET-ADJ LP3856ESX-ADJ LP3856ES-ADJ LP3856-ADJ |
3A Fast Response Ultra Low Dropout Linear Regulators
|
NS
|
SPX2941_06 SPX2941 SPX2941T5 SPX2941T5_TR SPX2941U |
1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
|
SIPEX[Sipex Corporation]
|
NCP58302DSADJR4G NCP58300 |
3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
|
ON Semiconductor
|